Part Number Hot Search : 
CMY212 SMBJ90 GBPC3501 BD46471G R3020 00144 MAX1692 MAX1692
Product Description
Full Text Search
 

To Download EPI681191F3030L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Inductors
ELECTRONICS INC.
EPI F3030L Series
* Used in PDA's, Cell Phones, Digital Cameras, MP3 Players, Low Power CPU & DSP Supply and Organizers * Used as an Inductor in TI TPS6205X, TPS6110X and TPS6112X Series Applications * Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor
Primary Specification
Part Number EPI100162F3030L EPI120152F3030L EPI150132F3030L EPI180122F3030L EPI220102F3030L EPI330911F3030L EPI390771F3030L EPI470761F3030L EPI560681F3030L EPI680611F3030L EPI820571F3030L EPI101501F3030L EPI121491F3030L EPI151431F3030L EPI221351F3030L EPI331281F3030L EPI471241F3030L EPI561221F3030L EPI681191F3030L EPI821181F3030L EPI102161F3030L Induct. (H 20%) @ 0 Adc 10 12 15 18 22 33 39 47 56 68 82 100 120 150 220 330 470 560 680 820 1000 DCR ( Max.) .072 .098 .130 .140 .190 .240 .320 .360 .470 .520 .690 .790 .890 1.27 1.65 2.62 4.18 4.67 5.73 6.54 9.44 Idc (Amp) 1.68 1.52 1.33 1.20 1.07 0.91 0.77 0.76 0.68 0.61 0.57 0.50 0.49 0.43 0.35 0.28 0.24 0.22 0.19 0.18 0.16 Isat (Amp) 2.10 1.90 1.66 1.50 1.33 1.13 0.96 0.95 0.85 0.76 0.71 0.62 0.61 0.53 0.43 0.35 0.30 0.27 0.23 0.22 0.20
Package F3030L
.287 .008 (7.30 .200) .287 .008 (7.30 .200) Marking: PCA Inductance Value
Application
L1 Battery + VBat SWN SWP VOut LBI FB TPS6112X Vcc1
Recommended Pad Layout
.138 Max. (3.50) .200 (5.10) .150 (3.83 .080 (2.03)
.335 (8.50)
On Off On Off On Off
SKIPEN EN LDOEN
PGOOD LBO LDOIN LDOOUT
Control Outputs Vcc2
.138 (3.50)
Control Inputs LDOSENSE
Gnd
PGnd
Note : 1. Temperature Rise : 40C Max. @ Idc 2. Inductance Change at Idc : 20% Typ. 3. Inductance Change at Isat: 35% Approximate. Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXF3030L Rev. 1 1/28/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPI681191F3030L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X